|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
23.9 tel. (877) 426-8767 ? fax (951) 781-5006 www.bourns.com ? rohs compliant special features ? low core loss ? low magnetic radiation ? high current capacity ? horizontal or vertical mount available ? operating temperature: -55 to +125 c typical applications ? switch mode power supplies ? dc/dc converters ? output chokes ? emi ? lters notes * rated idc causes a 30 c temperature rise ** insert -h or -v for mounting style before -rc example: 2300ll-390-v-rc 2300ll series part number** l (h) 20 % @ 1 khz idc* (a) l (h) 20 % @ i rated dcr (?) max. dim. a nom. dim. b nom. dim. c nom. 2300ll-1r5-rc 1.5 34.0 1.1 0.001 0.59 1.21 0.066 2300ll-2r7-rc 2.7 29.4 1.9 0.002 0.59 1.21 0.066 2300ll-3r9-rc 3.9 26.3 2.6 0.002 0.59 1.21 0.066 2300ll-5r6-rc 5.6 24.0 3.5 0.003 0.59 1.21 0.066 2300ll-8r2-rc 8.2 22.3 4.9 0.003 0.59 1.21 0.066 15 % 15 % 2300ll-100-rc 10 20.8 5.8 0.004 0.59 1.21 0.066 2300ll-120-rc 12 19.6 6.7 0.004 0.59 1.21 0.066 2300ll-150-rc 15 18.6 8.0 0.005 0.59 1.21 0.066 2300ll-180-rc 18 18.5 9.0 0.005 0.59 1.21 0.066 2300ll-220-rc 22 17.7 10.6 0.005 0.59 1.21 0.066 2300ll-270-rc 27 17.0 12.6 0.006 0.59 1.21 0.066 2300ll-330-rc 33 13.0 17.9 0.010 0.56 1.18 0.053 2300ll-390-rc 39 12.2 20.1 0.011 0.56 1.18 0.053 2300ll-470-rc 47 11.8 23.7 0.012 0.56 1.18 0.053 2300ll-560-rc 56 8.9 31.9 0.020 0.54 1.16 0.042 2300ll-680-rc 68 8.5 37.4 0.023 0.54 1.16 0.042 2300ll-820-rc 82 8.1 43.7 0.025 0.54 1.16 0.042 2300ll-101-rc 100 7.8 51.7 0.027 0.54 1.16 0.042 2300ll-121-rc 120 7.4 59.3 0.030 0.54 1.16 0.042 2300ll-151-rc 150 7.0 71.1 0.033 0.54 1.16 0.042 2300ll-181-rc 180 6.7 82.1 0.037 0.54 1.16 0.042 2300ll-221-rc 220 5.1 116.6 0.063 0.52 1.14 0.034 2300ll-271-rc 270 4.8 137.7 0.070 0.52 1.14 0.034 2300ll-331-rc 330 4.6 160.8 0.079 0.52 1.14 0.034 2300ll-391-rc 390 4.4 183.6 0.085 0.52 1.14 0.034 2300ll-471-rc 470 4.2 212.5 0.094 0.52 1.14 0.034 2300ll-561-rc 560 4.0 243.6 0.103 0.52 1.14 0.034 2300ll-681-rc 680 3.8 283.0 0.113 0.52 1.14 0.034 2300ll-821-rc 820 3.6 327.4 0.123 0.52 1.14 0.034 2300ll-102-rc 1000 3.5 378.9 0.137 0.52 1.14 0.034 low core loss, high current toroid inductors 1.28 max. 0.65 c a b vertical horizontal max. c 0.65 max. 1.28 max. 0.50 tin lead to coil tin lead to coil 0.50 dimensions: inches ? rohs directive 2002/95/ec jan 27 2003 including annex. -rc su? x indicates rohs compliance. rev. 06/07
|
Price & Availability of 2300LL-330-H-RC |